Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3555TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3555TLX/NOPB
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3555TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 TORCH Pin
The TORCH pin of the LM3555, depending on the state and configuration, allows the user to enable torch/assist
mode without having to write the command through the I2C bus or through toggling the EN1 and EN2 pins. In
simple mode, the LM3555 drives 60 mA of LED current if two series LEDs are present and 80 mA is one LED is
present. In I2C mode, the external torch mode bit (TEN in register 0x04) must be set to a 1 to allow an external
torch (default value = 1). In I2C mode, the torch mode current is equal to the Assist mode current level stored in
register 0x03. The TORCH pin has an internal pulldown resistor enabled in both simple mode and I2C mode.
7.3.7 Indicator LED Pin (IND)
The indicator LED current source pin (IND) is able to drive a single red indicator LED when the anode is
connected to the LM3555 and the cathode is connected to ground. In simple logic mode, the default indicator
current is 2.5 mA, and in I2C mode, the indicator LED current can be adjusted to 2.5 mA, 5 mA, 7.5 mA, or 10
mA.
7.3.8 Internal Diode Detection
During the start-up sequence of the LM3555 an internal voltage comparator on the VLED pin monitors the
forward voltage of the LED or LEDs. This measurement occurs when the ramp-up current reaches 80 mA. If, at
this time, the diode voltage exceeds the user-selectable diode detect threshold (Register 0x02 bits VO1 and
VO0), the LM3555 assumes two series LEDs are present and limits the maximum flash current to 400 mA. The
four adjustable levels are; 00 = 4.35 V, 01 = 4.65 V, 10 = 4.05 V and 11 = 4.95 V. This detection feature can be
disabled by setting the diode detect enable bit (DEN) in the Current Set Register (address 0x03) to a 0. The DEN
bit is set to a 1 (enabled) by default.
In all cases during start-up, the diode current first ramps to 80 mA and then proceeds to the target current. If the
torch/assist current is set to 60 mA, the LM3555 first reaches 80 mA and then drop to 60 mA.
The number of LEDs present in the system is recorded in a read-only diode number (DN) bit of the fault register
(address 0x05). In simple mode, the number of LEDs present are output on the STROBE pin (0 = 1 LED, 1 = 2
LEDs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com