Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3555TLX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3555TLX/NOPB
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555TLX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3555TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 25Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 26Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 27Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 28Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 29Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
OVP SC OTP TO DN
IF
IP RFU
Default:
0
0
0
0
X
0
0
0
Definition:
IL1
IL0 SSU TEN OEN SEN OM1 OM0
Default:
1
0
1
1
0
1
0
0
Definition:
26
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table 7. Assist Light Current Levels (continued)
AC2
AC1
AC0
ASSIST CURRENT LEVEL
1
0
0
100 mA
1
0
1
120 mA
1
1
0
140 mA
1
1
1
160 mA
IL1-IL0: peak inductor current limit bits
SSU: strobe signal usage. 0 = edge sensitive, 1 = level sensitive. 1 = default
TEN: external torch mode enable. 0 = not allowed, 1 = allowed. 1 = default
OEN: output enable. 0 = output disabled, 1 = output enabled. 0 = default
SEN: strobe signal mode. 0 = disabled, 1 = enabled. 1 = default
OM1-OM0: output mode select bits
Figure 48. Control Register, Address: 0x04
Table 8. Peak Inductor Current Limit Levels
IL1
IL0
PEAK INDUCTOR CURRENT LIMIT
0
0
1.25 A
0
1
1.5 A
1
0
1.75 A
1
1
2 A
Table 9. Output Modes
OM1
OM0
OUTPUT MODE
0
0
external torch
0
1
indicator
1
0
assist light
1
1
flash
OVP: overvoltage protection fault. 1 = fault, 0 = no fault
SC: short-circuit fault: 1 = Fault, 0 = no fault
OTP: overtemperature protection fault. 1 = fault, 0 = no fault
TO: flash timeout fault. 1 = fault, 0 = no fault
DN: number of LEDs. 1 = 2 LEDs, 0 = 1 LED. (This bit is R/W). 1 = fault, 0 = no fault
IF: indicator LED fault. 1 = fault, 0 = no fault
IP: inductor peak current limit fault (broken inductor fault). 1 = fault, 0 = no fault
RFU: not used
Figure 49. Fault and Info Register, Address: 0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com