Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R996TY033 Datasheet(PDF) 2 Page - GIACOMINI WATER E-MOTION

Part # R996TY033
Description  Giacotherm PEX-b pipes with anti-oxygen barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R996TY033 Datasheet(HTML) 2 Page - GIACOMINI WATER E-MOTION

  R996TY033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
 NOTE. R996T pipes in PEX-b comply with EN ISO 15875 standard, which defines the physical and dimensional features, and are verified following EN ISO 15875 and DIN
16892 standards, that allow evaluation of the resistance to the combined pressure and temperature stress, with reference to the relevant regression curves.
50
30
20
10
9
8
7
6
5
4
3
2
1
40
0,1
1
10
102
103
104
105
106
1
5
10 25 50 100
110°C
90°C
95°C
80°C
70°C
60°C
50°C
40°C
30°C
20°C
10°C
Continuous exercise period [h]
Continuous exercise period [years]
Resistance to combined pressure and temperature stress with respect to regression curves
Technical data
• Application classes (EN ISO 15875): 4, 5
• Not suitable for the transport of domestic water
• Density at 23 °C: > 0,939 g/cm3
• Thermal expansion coefficient: (1,9 x 10−4)/K
• Thermal conductivity: 0,38 W/(m K)
• Breaking load: 31 MPa
• Breaking elongation: 520 %
• Elasticity module at 23 °C: 540 MPa
SIZE
CLASS 4
CLASS 5
16 x 1,5
8 bar
6 bar
16 x 2,0
10 bar
8 bar
17 x 2,0
10 bar
8 bar
18 x 2,0
10 bar
8 bar
20 x 2,0
8 bar
6 bar
25 x 2,3
8 bar
6 bar
For each application classes, maximum usage pressure
can be evinced from the table below:
• All pipes are suitable for carrying water for a period of 50
years at a temperature of 20 °C and an operating pressure
of 10 bar.
• All heating systems shall use as transfer fluid only water or
treated water.
Series of pipes (S)
S = d - s
2 · s
Standard Dimension Ratio (SDR)
SDR = 2 · S + 1 ≈ d
s
s: pipe nominal thickness
d: pipe nominal diameter
Regression curve
α
= p · d - s
2 · s
α: hydrostatic stress
p: induced hydrostatic pressure



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com