Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R996TY033 Datasheet(PDF) 3 Page - GIACOMINI WATER E-MOTION

Part # R996TY033
Description  Giacotherm PEX-b pipes with anti-oxygen barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R996TY033 Datasheet(HTML) 3 Page - GIACOMINI WATER E-MOTION

  R996TY033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Losses of pressure
10 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
50 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
80 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
TEMPERATURE = 10 °C
10 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
50 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
80 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
TEMPERATURE = 50 °C
10 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
50 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
80 °C
10000
1000
100
30000
Q [l/h]
100
10
1000
25x2,3
16x2 18x2 20x2
16x1,5
17x2
TEMPERATURE = 80 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com