Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R996TY033 Datasheet(PDF) 5 Page - GIACOMINI WATER E-MOTION

Part # R996TY033
Description  Giacotherm PEX-b pipes with anti-oxygen barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R996TY033 Datasheet(HTML) 5 Page - GIACOMINI WATER E-MOTION

  R996TY033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Classification of working conditions (EN ISO 15875)
The performance specifications for pipe-based systems complying with EN ISO 15875 are specified for a project with a 50-
year operational life.
• Working temperature (T
D): working temperature provided for the range of application, expressed in °C.
• Max. working temperature (T
MAX): the working temperature highest value, allowed only for a short period of time.
• Failure temperature (T
MAL): the highest temperature possible when control systems fail (the time allowed for this value is 100 h
over 50 years of uninterrupted operation).
RANGE OF APPLICATION
WORKING
TEMPERATURE
T
D [°C]
DURATION OF
T
D [years]
MAX WORKING
TEMPERATURE
T
MAX [°C]
DURATION OF
T
MAX [years]
FAILURE
TEMPERATURE
T
MAL [°C]
DURATION OF
T
MAL [h]
CLASS 4
Floor heating and
low-temperature systems
20
+
40
+
60
2,5
+
20
+
25
70
2,5
100
100
CLASS 5
Radiator heating and
high-temperature systems
20
+
60
+
80
14
+
25
+
10
90
1
100
100
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.
Product specifications
R996T
PEX-b pipes with EVOH external anti-oxygen barrier. Application classes (En 15875): 4, 5 (radiant floor heating and low
temperature systems and radiator heating and high-temperature systems). Not suitable for the transport of domestic water.
High flexibility for a quick and easy installation and a consistent reduction of tensions, even after the completion of the
laying operations. Red pipe colour. Density at 23 °C: > 0,939 g/cm3. Thermal conductivity: 0,38 W/m K. Thermal expansion
coefficient: (1,9 x 10−4)/K. Breaking load: 31 MPa. Breaking elongation: 520 %. Elastic modulus: 540 MPa.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com