Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R996TY033 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R996TY033
Description  Giacotherm PEX-b pipes with anti-oxygen barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R996TY033 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R996TY033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
R996T
Giacotherm PEX-b pipes
with anti-oxygen barrier
Datasheet
0129EN  10/2022
Versions and product codes
PRODUCT CODE
SIZE [mm]
PACK [m]
PIPE COLOR
R996Y048
16 x 1,5
240 m
Red
R996Y065
500 m
R996TY227
16 x 2
100 m
R996TY219
240m
R996TY264
600 m
R996TY054
17 x 2
100 m
R996TY033
240 m
R996TY052
600 m
PRODUCT CODE
SIZE [mm]
PACK [m]
PIPE COLOR
R996TY249
18 x 2
100 m
Red
R996TY220
240 m
R996TY250
500 m
R996TY221
20 x 2
100 m
R996TY222
240 m
R996TY253
400 m
R996TY068
25 x 2,3
320 m
Pipe rolls
R996T pipes in PEX-b (polyethylene crosslinked with the
silane method - crosslinking degree > 65 %) can be used for
the water distribution into heating and/or cooling systems.
Due to a compound expressly developed for this product,
the R996T series combines the advantages represented by
the use of pipes in synthetic material, the feature of high
flexibility, a rapid and easy installation and a consistent stress
reduction, after the completion of the laying operations.
All R996T pipes are extruded with an external anti-oxygen
barrier in EVOH, in compliance with EN ISO 15875 and DIN
4726 Standards, therefore the modest oxygen quantity that
permeates from outside towards the inside of the pipe,
becomes quite negligible.
R996T


Similar Part No. - R996TY033

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
R996TY219 GIACOMINI-R996TY219 Datasheet
3Mb / 24P
GX SYSTEM
R996TY221 GIACOMINI-R996TY221 Datasheet
3Mb / 24P
GX SYSTEM
R996TY222 GIACOMINI-R996TY222 Datasheet
3Mb / 24P
GX SYSTEM
R996TY227 GIACOMINI-R996TY227 Datasheet
3Mb / 24P
GX SYSTEM
R996TY253 GIACOMINI-R996TY253 Datasheet
3Mb / 24P
GX SYSTEM
More results

Similar Description - R996TY033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
O2-E2 ETC-O2-E2 Datasheet
294Kb / 2P
Oxygen Sensor
logo
Chicago Miniature Lamp,...
7611D2-L CML-7611D2-L Datasheet
22Kb / 1P
Bright Pipes Optical Lightpipes
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
21-Jul-2005
logo
Sensortechnics GmbH
XYA1S SENSORTECHNICS-XYA1S Datasheet
66Kb / 4P
Oxygen sensors
logo
Molex Electronics Ltd.
37717-0001 MOLEX-37717-0001 Datasheet
104Kb / 2P
CoolFin??Heat Sink with Integrated Heat Pipes
logo
STMicroelectronics
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
ISO14443 type-B contactless coupler chip with anti-collision and CRC management
19-Mar-2010
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
01-Apr-2010
logo
Visual Communications C...
7511A87 VCC-7511A87 Datasheet
119Kb / 1P
Bright Pipes??Optical Lightpipes
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Honeywell Accelerometer...
KGZ10-SP HONEYWELL-ACC-KGZ10-SP Datasheet
227Kb / 4P
Oxygen Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com