Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R996TY033 Datasheet(PDF) 4 Page - GIACOMINI WATER E-MOTION

Part # R996TY033
Description  Giacotherm PEX-b pipes with anti-oxygen barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R996TY033 Datasheet(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R996TY033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R996TY033 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
ELASTICY MODULE at 23 °C (MPa)
R996T
540
(media) PEX
623÷890
Ease of laying
By comparing the traction elastic module of R996T pipes, calculated at 23 °C in room,
with an average of the values reported in literature for the different types of PEX and
considering that “ lower is the elastic module, higher is the pipe flexibility”, it shows the
advantage in terms of obtainable flexibility by using this kind of product.
Pipe laying
For the laying operations of PEX-b pipes, it is necessary to follow some simple practical rules concerning the choice of the
fittings, the respect of the minimum radius of curvature and the protection from the sun rays and from possible fortuitous
damages.
• The connection to distribution manifolds and to the system terminals shall be made by means of Giacomini’s adaptors for
synthetic pipes.
• In order to make a correct connection, it is essential to cut off the pipes with tools that can make a clean cut without
deburring and perpendicular to its axis.
• During the pipe laying operations, it is necessary making curvatures with a minimum radius equal to five times the external
diameter of the pipe itself. After the pipe laying, it is opportune making a pressure test of the system, in order to underline
immediately possible fluid losses.
• In case of radiant panel systems, the laying of the pipe covering shall occur with care, by paying attention not to scratch the
pipes with spatulas or crush them in the passages with wheel barrow.
• The pipes must not remain exposed for long time to the sun radiations or to fluorescent lamps. Keep the coils that are not
used in the suitable boxes, to avoid that the ultraviolet rays will alter the chemical and physical features.
• In case of radiant panel systems, it is good to lay over the pipes a foundation of 3 cm at least, to avoid cracks due to thermal
expansion.
• While crossing possible expansion joints, it is important to protect the pipe with a protecting covering in order to avoid
excessive mechanical stress.
Precautions
The use of R996T pipes requires the observance of some prescriptions, needed to guarantee the life time and the functional
character.
• Store the pipes in the appropriate packaging, by avoiding their direct exposition to sun rays, and in covered and dry places
to prevent damages to the boxes caused by the humidity.
• Prevent the pipes from coming into contact with sharp bodies able to scratch and trigger carving phenomenon – pay
particular care during the installation and transport phases.
• Prevent icing inside the pipes and in the packaging, because the expansions due to the state change could cause cracking.
• Prevent the pipe from coming into contact with open flames or other heat sources, that could provoke melting, even partial.
• If a fixing to electrically welded networks is needed, use plastic material instead of metallic bands, to avoid damages to the pipes.
• Prevent the contact with chemical solvents or paints that can damage the pipes.
Warranty
The guarantee is not valid in the following cases:
1) if the working conditions are different from those prescribed;
2) if the pipes are used to distribute fluids, that are not compatible with the material;
3) if the installation instructions are not scrupulously followed
4) if at the installation time, during the laying phase or at the pressure testing of the system, the pipe shows visually perceivable
defects caused by accidental factors;
5) if the pipe is installed by using components not produced by Giacomini S.p.A., or in any case different from the permitted ones.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com