Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27213MTDX/NOPB.B Datasheet(PDF) 31 Page - Texas Instruments

Part # LM27213MTDX/NOPB.B
Description  LM27213 Single Phase Hysteretic Buck Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27213MTDX/NOPB.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM27213MTDX/NOPB.B Datasheet HTML 27Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 28Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 29Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 30Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 31Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 32Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 33Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 34Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
48X
0.30
0.18
5.1 0.1
48X
0.5
0.3
0.8
0.7
(A) TYP
0.05
0.00
44X 0.5
2X
5.5
2X 5.5
A
7.15
6.85
B
7.15
6.85
0.30
0.18
0.5
0.3
(0.2)
WQFN - 0.8 mm max height
RHS0048A
PLASTIC QUAD FLATPACK - NO LEAD
4214990/B 04/2018
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
12
25
36
13
24
48
37
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
49
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 1.800
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com