Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27213MTDX/NOPB.B Datasheet(PDF) 33 Page - Texas Instruments

Part # LM27213MTDX/NOPB.B
Description  LM27213 Single Phase Hysteretic Buck Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27213MTDX/NOPB.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM27213MTDX/NOPB.B Datasheet HTML 29Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 30Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 31Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 32Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 33Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 34Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 35Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 36Page - Texas Instruments LM27213MTDX/NOPB.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
48X (0.6)
48X (0.25)
44X (0.5)
(6.8)
(6.8)
16X
(
1.05)
(0.625) TYP
(R0.05) TYP
(1.25)
TYP
(1.25)
TYP
(0.625) TYP
WQFN - 0.8 mm max height
RHS0048A
PLASTIC QUAD FLATPACK - NO LEAD
4214990/B 04/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
49
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 49
68% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:15X
SYMM
1
12
13
24
25
36
37
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com