Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB.A Datasheet(PDF) 39 Page - Texas Instruments

Part # SCANSTA101SM/NOPB.A
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB.A Datasheet(HTML) 39 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB.A Datasheet HTML 34Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 35Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 36Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 37Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 38Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 39Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 40Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 41Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
7.1
6.9
7.1
6.9
1.5
1.3
0.41
0.31
4.8 TYP
0.8 TYP
4.8 TYP
49X
0.51
0.41
(1.1) TYP
(1.1) TYP
NFBGA - 1.5 mm max height
NZA0049A
BALL GRID ARRAY
4220034/A 01/2025
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
BALL A1 CORNER
SEATING PLANE
1
2
3
4
5
6
7
A
B
C
D
E
F
G
0.15
C A B
0.08
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com