Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB.A Datasheet(PDF) 9 Page - Texas Instruments

Part # SCANSTA101SM/NOPB.A
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB.A Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
Table 3. MEMORY/REGISTER ADDRESS MAP (continued)
A4
A3
A2
A1
A0
Function
Base Address
Long Word
Structure/Size
Index
0
1
1
1
1
Expected
0 x 380
0 - 0x1BF
See (3)
1
0
0
0
0
Mask
0 x 540
0 - 0x1BF
See (3)
1
0
0
0
1
Vector Index
N/A
N/A
16-bit Register
1
0
0
1
0
Vector 1
0 x 700
0x0 - 0x1
See (4), Table 4
Vector 2
0 x 700
0x2 - 0x3
Vector 3
0 x 700
0x4 - 0x5
Vector 4
0 x 700
0x6 - 0x7
1
0
0
1
1
Header/Trailer Index
N/A
N/A
16-bit Register
1
0
1
0
0
Data Header
0 x 708
0x0 - 0x1F
See Table 5
Data Trailer
0 x 728
0x20 - 0x3F
Instruction Header
0 x 748
0x40 - 0x5F
Instruction Trailer
0 x 768
0x60 - 0x7F
1
0
1
0
1
Macro Index
N/A
N/A
16-bit Register
1
0
1
1
0
Macro 1
0 x 788
0x0
See Table 6,
Table 7 and
Macro 2
0 x 789
0x1
Table 8
Macro 3 . . .
0 x 78A . . .
0x2 . . .
Macro 16
0 x 797
0xF
1
0
1
1
1
Sequencer Index
N/A
N/A
16-bit Register
1
1
0
0
0
Sequencer
0 x 798
0x0 - 0x1F
See Table 9
1
1
0
0
1
Scan Bridge Support Index
N/A
N/A
16-bit Register
1
1
0
1
0
Scan Bridge Support
0 x 7B8
0x0 - 0x3F
See Table 10
(4)
The upper two bytes of each vector are ignored. These have been inserted to make the space align on long word boundaries.
Table 4. VECTOR STRUCTURE
Bit(s)
Function
0x00 - 0x1F
Length (maximum of 4G)
0x20 - 0x27
Macro Number (1 of 256) Room for scaleability
0x28 - 0x2E
Reserved
0x2F
Preloaded data / Load-on-the-fly (LotF)
0x30 - 0x3F
Reserved
Table 5. HEADER/TRAILER STRUCTURE
Bit(s)
Function
0x00 - 0x1F
32-bit count (1)
0x20 - 0x3FF
124 bytes (992 bits) header/trailer data
(1)
Count must be greater than zero if the Header/Trailer Usage bits are not equal to "000" or "111".
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com