Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB.A Datasheet(PDF) 5 Page - Texas Instruments

Part # SCANSTA101SM/NOPB.A
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB.A Datasheet(HTML) 5 Page - Texas Instruments

  SCANSTA101SM/NOPB.A Datasheet HTML 1Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 2Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.5V to +4.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
DC Input Voltage (VI) −0.5V to +4.0V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
DC Output Voltage (VO) −0.5V to +4.0V
DC Output Source/Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin
±50 mA
DC Latchup Source or Sink Current
±300 mA
Junction Temperature
Plastic
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Solder, 4sec)
49L NFBGA
220°C
Max Pkg Power Capacity @ 25°C
49L NFBGA
1.47W
Thermal Resistance (
θJA)
49L NFBGA
85°C/W
Package Derating 11.8mW/°C above +25°C
ESD Last Passing Voltage (Min)
2000V
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The datasheet specifications should be
met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading
variables. Texas Instruments does not recommend operation of SCAN STA products outside of recommended operation conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
DC ELECTRICAL CHARACTERISTICS
Over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Minimum High Input Voltage
VOUT = 0.1V or VCC − 0.1V
2.1
V
VIL
Maximum Low Input Voltage
VOUT = 0.1V or VCC − 0.1V
0.8
V
VOH
Minimum High Output Voltage
IOUT = −100 μA, VIN = VIL or VIH
VCC-0.2V
V
Minimum High Output Voltage,
IOH = −24 mA, VIN = VIL or VIH
V
TDO_SM, TMS_SM, TCK_SM, TRST0_SM
2.2
outputs only
Minimum High Output Voltage,
IOH = −12 mA, VIN = VIL or VIH
2.4
V
All other outputs including 1149.1
VOL
Maximum Low Output Voltage
IOUT = +100 μA, VIN = VIL or VIH
0.2
V
Maximum Low Output Voltage,
IOL = 24 mA, VIN = VIL or VIH
0.5
V
TDO_SM, TMS_SM, TCK_SM, TRST0_SM
outputs only
Maximum Low Output Voltage,
IOL = 12mA, VIN = VIL or VIH
0.4
V
all other outputs including 1149.1
IIN
Maximum Input Leakage Current, All pins
VIN = VCC for TDI, OE, VIN = VCC,
±5.0
μA
except TDI, TMS, TRST, TDI_SM
GND for All Others
IILR
Maximum Input Leakage Current, TDI, TMS,
VIN = GND
-45
-200
μA
TRST, TDI_SM
IIH
Maximum Input Leakage Current, TDI, TMS,
VIN = VCC
5.0
μA
TRST, TDI_SM
IOZ
Maximum TRI-STATE Leakage Current
VIN = VCC, GND, VIN (OE, R/W, CE,
±5.0
μA
STB) = VIL, VIH
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com