Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB.A Datasheet(PDF) 7 Page - Texas Instruments

Part # SCANSTA101SM/NOPB.A
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB.A Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
AC ELECTRICAL CHARACTERISTICS/OPERATING REQUIREMENTS (continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified. CL = 50 pF, RL = 500Ω
unless otherwise specified.
Symbol
Parameter
Conditions
# of SCK
Min
Max
Units
(1) (2)
tD3
Propagation Delay
Output data valid to DTACK low, all read
See Figure 13
1
ns
cycles
tpHL1
Propagation Delay
10.5
STB low to INT low, register write (clears
See Figure 12
5 or 6
ns
Interrupt)
tW
Clock Pulse Width, SCK, H or L
3.0
ns
fMAX
Clock Frequency, SCK
66
MHz
tRELEASE
Release Time, RST to STB
2
ns
Symbol
Parameter
Conditions
Min
Max
Units
SERIAL SCAN INTERFACE (SSI)
tD5
Propagation Delay
See Figure 14
11.5
ns
SCK to TCK_SM
tD6
Propagation Delay
See Figure 14
12.0
ns
SCK to TDO_SM
tD7
Propagation Delay
See Figure 14
12.5
ns
SCK to TMS_SM
tD8
Propagation Delay - tpLH
See Figure 14
15.0
ns
SCK to TRIST_SM
tD9
Propagation Delay - tpHL
See Figure 14
12.5
ns
SCK to TRIST_SM
tD10
Propagation Delay
See Figure 14
12.5
ns
SCK to TDO_SM disable
tD11
Propagation Delay
See Figure 14
14.0
ns
SCK to TDO_SM enable
tEN1
Enable Delay
See Figure 14
12.0
ns
OE low to TCK_SM, TDO_SM, TMS_SM, or
TRST0_SM
tDIS1
Disable Delay
See Figure 14
11.0
ns
OE high to TCK_SM, TDO_SM, TMS_SM, or
TRST0_SM
tEN2
Enable Delay
10.0
ns
OE low to TRIST_SM
tDIS2
Disable Delay
11.5
ns
OE high to TRIST_SM
tDIS3
Disable Delay
12.5
ns
RST low to TRST0_SM
tS2
Setup Time
See Figure 14
3.5
ns
SCK to TDI_SM
tH2
Hold Time
See Figure 14
2.0
ns
SCK to TDI_SM
TEST & DEBUG INTERFACE TIMING REQUIREMENTS (SCAN)
tS
Setup Time
2.0
ns
TMS to TCK
tH
Hold Time
1.0
ns
TMS to TCK
tS
Setup Time
1.0
ns
TDI to TCK
tH
Hold Time
2.0
ns
TDI to TCK
tW
Pulse Width
10.0
ns
TCK (H or L)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com