Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB.A Datasheet(PDF) 8 Page - Texas Instruments

Part # SCANSTA101SM/NOPB.A
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB.A Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Symbol
Parameter
Conditions
Min
Max
Units
tWL
Reset Pulse Width
2.5
ns
TRST (L)
tREC
Recovery Time
2.0
ns
TCK from TRST
fMAX
Maximum Clock Frequency, TCK
25
MHz
APPLICATIONS/PROGRAMMERS REFERENCE
Table 2. REGISTER SUMMARY
Address
Type
Mnemonic
Register
Active Register Bits
Reset Value
00h
RW
START
Start Register
5
0000h
01h
RW
STATUS
Status Register
10
0000h
02h
RW
INTCTRL
Interrupt Control Register
8
0000h
03h
RW
INTSTAT
Interrupt Status Register
8
0000h
04h
RW
SETUPR
Setup Register
8
0043h
05h
RW
CLKDIV
Clock Divider Register
6
0000h
07h
RW
EXPR
TDI_SM LFSR Exponent Register
3
0000h
08h
RW
LSSEDR
TDI_SM LSB Seed Register
16
0000h
09h
RW
MSSEDR
TDI_SM MSB Seed Register
16
0000h
0Ah
RW
LSRESR
TDI_SM LSB Result Register
16
0000h
0Bh
RW
MSRESR
TDI_SM MSB Result Register
16
0000h
0Ch
RW
INDEXR
Index Register
16
0000h
11h
RW
VINDEXR
Vector Index Register
16
0000h
13h
RW
HTINDEXR
Header/Trailer Index Register
16
0000h
15h
RW
MINDEXR
Macro Index Register
16
0000h
17h
RW
SINDEXR
Sequencer Index Register
16
0000h
19h
RW
BSINDEXR
Bridge Support Register
16
0000h
Table 3. MEMORY/REGISTER ADDRESS MAP
A4
A3
A2
A1
A0
Function
Base Address
Long Word
Structure/Size
Index
0
0
0
0
0
Start
N/A
N/A
16-bit Register
0
0
0
0
1
Status
N/A
N/A
16-bit Register
0
0
0
1
0
Interrupt Control
N/A
N/A
16-bit Register
0
0
0
1
1
Interrupt Status
N/A
N/A
16-bit Register
0
0
1
0
0
Setup
N/A
N/A
16-bit Register
0
0
1
0
1
Clock Divider
N/A
N/A
16-bit Register
0
0
1
1
1
TDI_SM LFSR Exponent
N/A
N/A
16-bit Register
0
1
0
0
0
TDI_SM LFSR LSB Seed
N/A
N/A
16-bit Register (1)
0
1
0
0
1
TDI_SM LFSR MSB Seed
N/A
N/A
16-bit Register (1)
0
1
0
1
0
TDI_SM LFSR LSB Result
N/A
N/A
16-bit Register (1)
0
1
0
1
1
TDI_SM LFSR MSB Result
N/A
N/A
16-bit Register (1)
0
1
1
0
0
Index Register
N/A
N/A
16-bit Register (2)
0
1
1
0
1
TDO_SM
0
0 - 0x1BF
See (3)
0
1
1
1
0
TDI_SM
0 x 1C0
0 - 0x1BF
See (3)
(1)
The TDI_SM LFSR result and seed registers require two sequential reads/writes for each register pair.
(2)
The Index register is used to set the individual address pointers. Writing to the Index register will set each of the individual address
pointers (TDO_SM, TDI_SM, Expected, and Mask). The individual address pointers will automatically increment with each long word
read from TDI_SM or each long word written to the TDO_SM, Expected, or Mask memory spaces.
(3)
The actual address is calculated from the base address of the memory area plus the content of its address pointer.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com