Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR Datasheet HTML 18Page - Texas Instruments ADS1610IPAPR Datasheet HTML 19Page - Texas Instruments ADS1610IPAPR Datasheet HTML 20Page - Texas Instruments ADS1610IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
FREQUENCY RESPONSE
0
−1
−2
−3
−4
−5
−6
−7
4.0
4.2
4.1
4.3
4.5
4.7
4.9
4.4
Frequency (MHz)
4.6
4.8
5.0
0
−20
−40
−60
−80
−100
−120
0
10
5
15
25
20
Frequency (MHz)
30
0
−20
−40
−60
−80
−100
−120
0
20
40
Frequency (MHz)
60
80
180
100
120
140
160
0.00020
0.00015
0.00010
0.00005
0
−0.00005
−0.00010
−0.00015
−0.00020
0
0.5
1.0
Frequency (MHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
The linear phase FIR digital filter sets the overall
frequency response. The decimation rate is set to 6
(MODE = 00) for all the figures shown in this section.
Figure 34 shows the frequency response from DC to
30 MHz for fCLK = 60 MHz. The frequency response
of the ADS1610 filter scales directly with CLK
frequency. For example, if the CLK frequency is
decreased by half (to 30 MHz), the values on the
X-axis in Figure 34 would need to be scaled by half,
with the span becoming DC to 15MHz.
Figure 36. Passband Transition
The overall frequency response repeats at multiples
of the CLK frequency. To help illustrate this,
Figure 37 shows the response out to 180 MHz (fCLK =
60MHz). Notice how the passband response repeats
at 60MHz, 120MHz, and 180MHz; it is important to
consider this sequence when there is high-frequency
noise
present
with
the
signal.
The
modulator
bandwidth extends to 100MHz. High-frequency noise
around 60MHz and 120MHz will not be attenuated
by either the modulator or the digital filter. This noise
will alias back inband and reduce the overall SNR
performance unless it is filtered out prior to the
Figure 34. Frequency Response
ADS1610. To prevent this, place an anti-alias filter in
front of the ADS1610 that rolls off before 55MHz.
Figure 35 shows the passband ripple from DC to
4.4MHz (fCLK = 60MHz). Figure 36 shows a closer
view of the passband transition by plotting the
response from 4.0MHz to 5.0MHz (fCLK = 60MHz).
Figure 37. Frequency Response Out to 120MHz
Figure 35. Passband Ripple
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com