Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR Datasheet HTML 18Page - Texas Instruments ADS1610IPAPR Datasheet HTML 19Page - Texas Instruments ADS1610IPAPR Datasheet HTML 20Page - Texas Instruments ADS1610IPAPR Datasheet HTML 21Page - Texas Instruments ADS1610IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.ti.com
NOISE FLOOR
30
5
Frequency(MHz)
1
2
3
4
-
Inband
96dBFS
93dBFS
91dBFS
88.5dBFS
86dBFS
74dBFS
10
55dBFS
ADS1610
Modulator
Decimation
by3
Decimationby
2
Decimation
by2
AIN
MODE[1:0]
Mux
60M
20M
10M
5M
DOUT
MODE SELECTION
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
two samples is more than 3dB. Figure 38 below
shows the typical in-band noise spectral density of
The ADS1610 is a delta sigma ADC and it uses
the ADS1610. The numbers in the bottom of the
noise shaping to achieve superior SNR performance.
figure represent the noise distribution with respect to
The noise floor of a typical successive approximation
a full-scale signal in different bandwidths of interest.
(SAR) or a pipeline ADC remains flat until the nyquist
The shaded area represents the signal bandwidth in
frequency occurs. A gain of 3dB in SNR can be
the default mode of operation (10MHz output data
achieved by averaging two samples, thereby having
rate).
a tradeoff between output data rate and achievable
SNR. In contrast, the noise floor of the ADS1610
inside the bandwidth of interest is shaped. Hence,
the gain in SNR that can be achieved by averaging
Figure 38. Typical Filter Bypass Mode Noise Spectral Density
By using appropriate filtering the user can achieve a tradeoff between speed and SNR. For ease of use, the
ADS1610 provides four filtering modes as explained in the next section. Figure 39 shows a conceptual diagram
of the available filtering modes. Custom filtering is achieved by taking the modulator output data and adding a
filter externally.
Figure 39. Conceptual Diagram of the ADS1610 Filtering Modes
ADS1610 offers four different modes of operation each with different output data rates. This gives users the
flexibility to choose the best output rate for their application. The outputs of all modes are MSB-aligned.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com