Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 21Page - Texas Instruments ADS1610IPAPR Datasheet HTML 22Page - Texas Instruments ADS1610IPAPR Datasheet HTML 23Page - Texas Instruments ADS1610IPAPR Datasheet HTML 24Page - Texas Instruments ADS1610IPAPR Datasheet HTML 25Page - Texas Instruments ADS1610IPAPR Datasheet HTML 26Page - Texas Instruments ADS1610IPAPR Datasheet HTML 27Page - Texas Instruments ADS1610IPAPR Datasheet HTML 28Page - Texas Instruments ADS1610IPAPR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.27
0.17
60X 0.5
PIN 1 ID
(0.127)
TYP
0.15
0.05
0 -7
4X 7.5
12.2
11.8
TYP
B
10.2
9.8
NOTE 3
A
10.2
9.8
NOTE 3
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
PowerPAD
TQFP - 1.2 mm max height
PAP0064F
PLASTIC QUAD FLATPACK
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs.
4. Strap features may not be present.
5. Reference JEDEC registration MS-026.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
17
32
33
48
49
64
0.08
C A B
SEE DETAIL A
SEATING PLANE
A 17
DETAIL A
TYPICAL
0.08 C
SCALE 1.300
1
16
17
32
33
48
49
64
PLASTIC QUAD FLATPACK
4226412/A 11/2020
6.5
5.3
65
8X (R0.091)
NOTE 4
20X (R0.137)
NOTE 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com