Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
OVERVIEW
ANALOG INPUTS (AINP, AINN)
signal,
V
CM +
AINP ) AINN
2
is 2.5V.
*0.1 V t (AINN or AINP) t 4.2 V
(1)
Σ∆
Modulator
Digital
Filter
Parallel
Interface
Σ
V
REF
V
IN
VREFN
VREFP
Σ
AINP
AINN
MODE[1:0]
OTR
DOUT[15:0]
INPUT CIRCUITRY
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
The ADS1610 is a high-performance, delta-sigma
The ADS1610 supports a very wide range of input
ADC. The modulator uses an inherently stable,
signals. Having such a wide input range makes
pipelined,
delta-sigma
modulator
architecture
out-of-range signals unlikely. However, should an
incorporating proprietary circuitry that allows for very
out-of-range signal occur, the digital output OTR will
linear high-speed operation. The modulator samples
go high.
the input signal at 60MSPS (when fCLK = 60MHz). A
To achieve the highest analog performance, it is
low-ripple linear phase digital filter decimates the
recommended that the inputs be limited to no greater
modulator output by 6 to provide data output word
than 0.891VREF (-1dBFS). For VREF = 3V, the
rates of 10MSPS with a signal passband out to
corresponding recommended input range is 2.67V.
4.9MHz.
The analog inputs must be driven with a differential
Conceptually,
the
modulator
and
digital
filter
signal
to
achieve
optimum
performance.
The
measure the differential input signal, VID = (AINP –
recommended common-mode voltage of the input
AINN), against the differential reference, Vref =
(VREFP – VREFN), as shown in Figure 11. A 16-bit
parallel data bus, designed for direct connection to
DSPs, outputs the data. A separate power supply for
In addition to the differential and common-mode
the I/O allows flexibility for interfacing to different
input voltages, the absolute input voltage is also
logic families. Out-of-range conditions are indicated
important. This is the voltage on either input (AINP or
with a dedicated digital output pin. Analog power
AINN) with respect to AGND. The range for this
dissipation is controlled using an external resistor.
voltage is:
This allows reduced dissipation when operating at
slower speeds. When not in use, power consumption
can be dramatically reduced using the PD pin.
If either input is taken below –0.1V, ESD protection
diodes on the inputs will turn on. Exceeding 4.2V on
either input will result in linearity performance
degradation. ESD protection diodes will also turn on
if the inputs are taken above AVDD (+5V).
Figure 24. Conceptual Block Diagram
circuits. Switches S2 represent the net effect of the
modulator circuitry in discharging the sampling
capacitors, the actual implementation is different.
The ADS1610 uses switched-capacitor circuitry to
The timing for switches S1 and S2 is shown in
measure the input voltage. Internal capacitors are
Figure 26.
charged by the inputs and then discharged internally
with this cycle repeating at the frequency of CLK.
Figure 25 shows a conceptual diagram of these
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com