Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
RF
RG
· K
-
AVMAX =
2
VO
VG
RG
25:
LMH6504
3
1
6
7
4
RF
VIN
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
LMH6504 GAIN CONTROL RANGE AND MINIMUM GAIN
Before discussing Gain Control Range, it is important to understand the issues which limit it. The minimum gain
of the LMH6504, theoretically, is zero, but in practical circuits is limited by the amount of feedthrough, here
defined as the gain when VG = 0V. Capacitive coupling through the board and package as well as coupling
through the supplies will determine the amount of feedthrough. Even at DC, the input signal will not be
completely rejected. At high frequencies feedthrough will get worse because of its capacitive nature. At
frequencies below 10 MHz, the feed through will be less than
−60 dB and therefore, it can be said that with
AVMAX = 20 dB, the gain control range is 80 dB.
LMH6504 GAIN CONTROL FUNCTION
In the plot, Gain vs. VG, we can see the gain as a function of the control voltage. The “Gain (V/V)” plot,
sometimes referred to as the S-curve, is the linear (V/V ) gain. This is a hyperbolic tangent relationship and is
given by Equation 3. The “Gain (dB)” plots the gain in dB and is linear over a wide range of gains. Because of
this, the LMH6504 gain control is referred to as “linear-in-dB.”
For applications where the LMH6504 will be used at the heart of a closed loop AGC circuit, the S-curve control
characteristic provides a broad linear (in dB) control range with soft limiting at the highest gains where large
changes in control voltage result in small changes in gain. For applications requiring a fully linear (in dB) control
characteristic, use the LMH6504 at half gain and below (VG ≤ 1V).
AVOIDING OVERDRIVE OF THE LMH6504 GAIN CONTROL INPUT
There is an additional requirement for the LMH6504 Gain Control Input (VG): VG must not exceed +2.3V (with
±5V supplies). The gain control circuitry may saturate and the gain may actually be reduced. In applications
where VG is being driven from a DAC, this can easily be addressed in the software. If there is a linear loop
driving VG, such as an AGC loop, other methods of limiting the input voltage should be implemented. One simple
solution is to place a 2.2:1 resistive divider on the VG input. If the device driving this divider is operating off of
±5V supplies as well, its output will not exceed 5V and through the divider VG can not exceed 2.3V.
IMPROVING THE LMH6504 LARGE SIGNAL PERFORMANCE
Figure 45 illustrates an inverting gain scheme for the LMH6504.
Figure 45. Inverting Amplifier
The input signal is applied through the RG resistor. The VIN pin should be grounded through a 25Ω resistor. The
maximum gain range of this configuration is given in the following equation:
(5)
The inverting slew rate of the LMH6504 is much higher than that of the non-inverting slew rate. This 2X
performance improvement comes about because in the non-inverting configuration, the slew rate of the overall
amplifier is limited by the input buffer. In the inverting circuit, the input buffer remains at a fixed voltage and does
not affect slew rate.
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com