Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
0.5
1
1.5
2
2.5
3
VG (V)
820
840
860
880
900
920
940
1k
10k
100k
1M
10M
0.01
0.1
1
10
100
FREQUENCY (Hz)
-1.4
-0.2
0.2
0.6
1
1.4
VOUT DC (V)
-1
-0.6
-0.1
0
0.2
0.3
0.4
0.5
0.6
0.1
-0.02
0.01
0.07
0.1
0.13
0.16
0.19
0.04
DP
DG
f = 4.43 MHz
RL = 100:
VG = VGMAX
-5
0
5
10
15
20
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
GAIN (dB)
25 MHz
2 MHz
100 kHz
VOUT = 1 VPP
VG VARIED
-15 -10
-5
0
5
10
15
20
25
0
-100
GAIN (dB)
-10
-20
-30
-40
-50
-60
-70
-80
-90
25 MHz
2 MHz
100 kHz
VOUT = 0.25 VPP
VG VARIED
-10
-5
0
5
10
15
20
POUT (dBm)
0
10
20
30
40
50
60
70
80
1 MHz
20 MHz
VG = VGMID
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
THD vs. POUT
THD vs. Gain
Figure 33.
Figure 34.
THD vs. Gain
Differential Gain & Phase
Figure 35.
Figure 36.
VG Bias Current vs. VG
Output Impedance
Figure 37.
Figure 38.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com