Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-15
-10
-5
0
5
10
15
20
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
P
(dBm)
OUT
HD3, 100 kHz
HD2, 100 kHz
HD2, 2 MHz
HD3, 2 MHz
HD2, 25 MHz
HD3, 25 MHz
V = V
G
GMAX
-15
-10
-5
0
5
10
15
20
P
(dBm)
OUT
-30
-40
-50
-60
-70
-80
-90
-100
100 kHz
1 MHz
2 MHz
20 MHz
25 MHz
V = V
G
G_MAX
IOUT (mA)
0
1
2
3
4
5
0
20
40
60
80
100
120
85°C
-40°C
25°C
-40°C
85°C
100k
1M
10M
30M
-100
-90
-80
-70
-60
-50
-40
-30
FREQUENCY (Hz)
THD
HD2
HD3
VG = VG_MAX
VOUT = 1 VPP
1
1k
1M
10k
100
10M
FREQUENCY (Hz)
100k
10
1
10
100
1000
1
10
100
1000
VOLTAGE
CURRENT
IOUT (mA)
0
1
2
3
4
5
0
20
40
60
80
100
120
85°C
-40°C
25°C
-40°C
25°C
85°C
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Input Referred Noise Density vs. Frequency
Output Voltage vs. Output Current (Sinking)
Figure 27.
Figure 28.
Output Voltage vs. Output Current (Sourcing)
Distortion vs. Frequency
Figure 29.
Figure 30.
HD vs. POUT
THD vs. POUT
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com