Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
f (10 MHz/DIV)
-7
-6
-5
-4
-3
-2
-1
0
1
-120
-100
-80
-60
-40
-20
0
20
40
PHASE
GAIN
0.6V
0.8V
1.0V
2.0V
AVMAX = 100V/V
RF = 2.4 k:
RG = 27:
PIN = -24 dBm
SEE NOTE 11
0.6V
0.8V
f (20 MHz/DIV)
-14
-12
-10
-8
-6
-4
-2
0
2
-350
-300
-250
-200
-150
-100
-50
0
50
GAIN
PHASE
1 VPP
2 VPP
4 VPP
SEE NOTE 11
-540
-420
-300
-180
-60
-9
-6
-3
0
3
FREQUENCY (MHz)
2 VPP
4 VPP
5 VPP
PHASE
SEE NOTE 11
GAIN
0
50
100
150
200
4
1k
100k
10M
1G
FREQUENCY (Hz)
-16
-10
-4
100M
1M
10k
0
-2
-6
-8
-14
-12
2
150
-350
-200
-50
50
0
-100
-150
-300
-250
100
GAIN
PHASE
AVMAX = 2
RF = 1k:
RG = 510:
PIN = 4 dBm
0.6V < VG < 2.0V
SEE NOTE 11
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-7
-4
100M
1M
10k
-1
-2
-5
-6
-8
-3
0
150
-350
-250
-100
50
0
-150
-200
-300
-50
100
-40°C
85°C
25°C
GAIN
PHASE
-40°C
85°C
25°C
PIN = -22 dBm
SEE NOTE 10
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-7
-4
100M
1M
10k
-1
-2
-5
-6
-8
-3
0
150
-350
-250
-100
50
0
-150
-200
-300
-50
100
VG = 0.90V
GAIN
PHASE
PIN = -22 dBm
SEE NOTE 11
VG = 1.0V
VG = 2.0V
VG = 2.0V
VG = 1.0V
VG = 0.90V
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Frequency Response Over Temperature
Frequency Response for Various VG
Figure 3.
Figure 4.
Frequency Response (AVMAX = 2)
Inverting Frequency Response
Figure 5.
Figure 6.
Frequency Response for Various VG (AVMAX = 100)
(Large Signal)
Frequency Response for Various Amplitudes
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com