Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
t (10 ns/DIV)
0
0.5
1
1.5
2
2.5
0
2
4
9
10
8
7
1
3
5
6
GAIN
VG
VIN = 0.3V
LS REF
SS REF
10 ns/DIV
0.5 VPP SMALL SIGNAL
4 VPP LARGE SIGNAL
LS REF
SS REF
10 ns/DIV
4 VPP LARGE SIGNAL
0.5 VPP SMALL SIGNAL
VG = VG_MID
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Step Response Plot
Step Response Plot
Figure 39.
Figure 40.
Gain vs. VG Step
Figure 41.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com