Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 16Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 17Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 18Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 19Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 20Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 21Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 22Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 23Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
VCM
V
+
10 2F
0.1 2F
+
-
0.1 2F
0.01 2F
0.01 2F
VEN
-OUT
+OUT
+IN
-IN
LMH6554
VCM
V
+
0.01 2F
0.1 2F
0.1 2F
+
-
LMH6554
10 2F
0.01 2F
0.1 2F
V
-
10 2F
+OUT
-OUT
+IN
-IN
0.1 2F
VEN
LMH6554
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
www.ti.com
10 Power Supply Recommendations
The LMH6554 can be used with any combination of positive and negative power supplies as long as the
combined supply voltage is between 4.7 V and 5.25 V. The LMH6554 will provide best performance when the
output voltage is set at the mid supply voltage, and when the total supply voltage is set to 5 V.
Power supply bypassing as shown in Power Supply Bypassing is important and power supply regulation should
be within 5% or better.
10.1 Power Supply Bypassing
The LMH6554 requires supply bypassing capacitors as shown in Figure 36 and Figure 37. The 0.01-
μF and 0.1-
μF capacitors should be leadless SMT ceramic capacitors and should be no more than 3 mm from the supply
pins. These capacitors should be star routed with a dedicated ground return plane or trace for best harmonic
distortion performance. Thin traces or small vias will reduce the effectiveness of bypass capacitors. Also shown
in both figures is a capacitor from the VCM and VEN pins to ground. These inputs are high impedance and can
provide a coupling path into the amplifier for external noise sources, possibly resulting in loss of dynamic range,
degraded CMRR, degraded balance and higher distortion.
Figure 36. Split Supply Bypassing Capacitors
Figure 37. Single Supply Bypassing Capacitors
20
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com