Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6554LEX/NOPB Datasheet HTML 1Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 2Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 3Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 4Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 5Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 6Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 7Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 8Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
2
1
14
13
12
11
8
9
10
+FB
-IN
+IN
-FB
VCM
+OUT
-OUT
VEN
V
+
V
+
4
5
6
7
RG
RF
RG
RF
V
-
V
-
NC
NC
LMH6554
www.ti.com
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
6 Pin Configuration and Functions
NHJ Package
14 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
-FB
7
O
Feedback from -OUT
+FB
4
O
Feedback from +OUT
+IN
6
I
Positive Input
-IN
5
I
Negative Input
NC
11
—
No Connection
NC
14
—
No Connection
-OUT
12
O
Negative Output
+OUT
13
O
Positive Output
VCM
2
I
Output Common Mode Voltage
VEN
9
I
Enable
V-
3
P
Negative Supply
V-
8
P
Negative Supply
V+
1
P
Positive Supply
V+
10
P
Positive Supply
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com