Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 3Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 4Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 5Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 6Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 7Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 8Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 10Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TIME (ns)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
1
2
3
4
5
6
7
8
9
10
TIME (ns)
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
6
4
2
0
-2
-4
-6
-8
-10
1
10
100
1000
10000
VOD = 0.2 VPP
RL = 200:
RL = 1k:
RL = 500:
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
VOD = 0.2 VPP
VOD = 1.6 VPP
VOD = 2 VPP
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
VOD = 0.2 VPP
RF = 200:
RF = 300:
RF = 250:
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
1100
1000
10000
AV = 1 V/V
AV = 4 V/V
AV = 8 V/V
AV = 2 V/V
VOD = 0.2 VPP
LMH6554
www.ti.com
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
7.6 Typical Performance Characteristics VS = ±2.5 V
(TA = 25°C, RF = 200 Ω, RG = 90 Ω, RT = 76.8 Ω, RL = 200 Ω, AV = +2, for single ended in, differential out, unless specified).
Figure 1. Frequency Response vs RF
Figure 2. Frequency Response vs Gain
Figure 3. Frequency Response vs RL
Figure 4. Frequency Response vs Output Voltage (VOD)
Figure 5. 0.5 VPP Pulse Response Single-Ended Input
Figure 6. 2 VPP Pulse Response Single-Ended Input
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com