Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6554LEX/NOPB Datasheet HTML 1Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 2Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 3Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 4Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 5Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 6Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 7Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 8Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
91:
+
-
LMH6554
V
+
V
-
VCMO
VS
91:
-
+
50:
50:
200:
200:
ADC
Up To 16-Bit
Data Converter
a
76.8:
RS = 50:
VEN
30:
VCM
0.1 PF
AC-Coupled
Source
0.1 PF
C
0.1 PF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6554
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
1 Features
3 Description
The LMH6554 device is a high-performance fully
1
•
Small-Signal Bandwidth 2.8 GHz
differential
amplifier
designed
to
provide
the
•
2 VPP Large-Signal Bandwidth 1.8 GHz
exceptional signal fidelity and wide large-signal
•
0.1 dB Gain Flatness 830 MHz
bandwidth necessary for driving 8- to 16-bit high-
speed
data
acquisition
systems.
Using
TI’s
•
OIP3 at 150 MHz 46.5 dBm
proprietary differential current mode input stage
•
HD2/HD3 at 75 MHz –96 / –97 dBc
architecture, the LMH6554 has unity gain, small-
•
Input Noise Voltage 0.9 nV/
√Hz
signal bandwidth of 2.8 GHz and allows operation at
gains greater than unity without sacrificing response
•
Input Noise Current 11 pA/
√Hz
flatness, bandwidth, harmonic distortion, or output
•
Slew Rate 6200 V/
μs
noise performance.
•
Power 260 mW
The low-impedance differential output of the device is
•
Typical Supply Current 52 mA
designed to drive ADC inputs and any intermediate
•
14-Lead UQFN Package
filter stage. The LMH6554 delivers 16-bit linearity up
to 75 MHz when driving 2-V peak-to-peak into loads
2 Applications
as low as 200
Ω.
•
Differential ADC Driver
The
LMH6554
is
fabricated
in
TI's
advanced
complementary BiCMOS process and is available in a
•
Single-Ended to Differential Converter
space-saving 14-lead UQFN package for higher
•
High-Speed Differential Signaling
performance.
•
IF/RF and Baseband Gain Blocks
•
SAW Filter Buffer/Driver
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Oscilloscope Probes
LMH6554
UQFN (14)
2.50 mm × 2.50 mm
•
Automotive Safety Applications
•
Video Over Twisted Pair
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Differential Line Driver
4 Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6554LEX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6554LEX/NOPB TI-LMH6554LEX/NOPB Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results

Similar Description - LMH6554LEX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
2.8-W Stereo Fully Differential Audio Power Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
1.5 GHz Fully Differential Amplifier
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com