Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 4Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 5Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 6Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 7Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 8Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 10Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 11Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VOCM (V)
-20
-30
-40
-50
-60
-70
-80
-90
-100
-1.0
-0.5
0
0.5
1.0
HD2
HD3
RL = 200:
VOD = 2 VPP
fc = 150 MHz
DIFFERENTIAL VOUT (VPP_EACH_TONE)
-80
-85
-90
-95
-100
-105
0.8
1.0
1.2
1.4
1.6
1.8
2
75 MHz
150 MHz
VOCM (V)
-50
-60
-70
-80
-90
-100
-110
-1.0
-0.5
0
0.5
1.0
HD2
HD3
RL = 200:
VOD = 2 VPP
fc = 25 MHz
VOCM (V)
-40
-50
-60
-70
-80
-90
-100
-1.0
-0.5
0
0.5
1.0
HD2
HD3
RL = 200:
VOD = 2 VPP
fc = 75 MHz
TIME (ns)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
-60
-65
-70
-75
-80
-85
-90
-95
-100
-105
-110
25
75
125
175
225
275
HD2
HD3
RL = 200:
VOD = 2 VPP
VOCM = 0V
300
LMH6554
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
www.ti.com
Typical Performance Characteristics VS = ±2.5 V (continued)
(TA = 25°C, RF = 200 Ω, RG = 90 Ω, RT = 76.8 Ω, RL = 200 Ω, AV = +2, for single ended in, differential out, unless specified).
Figure 7. 4 VPP Pulse Response Single-Ended Input
Figure 8. Distortion vs Frequency Single-Ended Input
Figure 9. Distortion vs Output Common Mode Voltage
Figure 10. Distortion vs Output Common Mode Voltage
Figure 11. Distortion vs Output Common Mode Voltage
Figure 12. 3rd Order Intermodulation Products vs VOUT
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com