Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
fMAX =
SR
2S VP
CLOSED LOOP BANDWIDTH =
GBP
AV
AV =
(RF +RG)
RG
GBP = 240MHz
LMH6609
www.ti.com
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
Figure 35. AC Coupled Non-Inverting
GAIN BANDWIDTH PRODUCT
The LMH6609 is a voltage feedback amplifier, whose closed-loop bandwidth is approximately equal to the gain-
bandwidth product (GBP) divided by the gain (AV). For gains greater than 5, AV sets the closed-loop bandwidth of
the LMH6609.
(2)
For Gains less than 5, refer to the frequency response plots to determine maximum bandwidth. For large signal
bandwidth the slew rate is a more accurate predictor of bandwidth.
(3)
Where fMAX = bandwidth, SR = Slew rate and VP = peak amplitude.
OUTPUT DRIVE AND SETTLING TIME PERFORMANCE
The LMH6609 has large output current capability. The 100mA of output current makes the LMH6609 an excellent
choice for applications such as:
•
Video Line Drivers
•
Distribution Amplifiers
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com