Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6609MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
+
-
RIN
51:
RF
-
+
ROUT
51:
RG
CL
10pF
RL
1k:
LMH6609
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
When driving a capacitive load or coaxial cable, include a series resistance ROUT to back match or improve
settling time. Refer to the Driving Capacitive Loads section for guidance on selecting an output resistor for driving
capacitive loads.
EVALUATION BOARDS
TI offers the following evaluation boards as a guide for high frequency layout and as an aid in device testing and
characterization. Many of the data sheet plots were measured with these boards.
Device
Package
Board Part #
LMH6609MA
SOIC
LMH730227
LMH6609MF
SOT-23
LMH730216
CIRCUIT LAYOUT CONSIDERATION
A proper printed circuit layout is essential for achieving high frequency performance. TI provides evaluation
boards for the LMH6609 as shown above. These boards were laid out for optimum, high-speed performance.
The ground plane was removed near the input and output pins to reduce parasitic capacitance. Also, all trace
lengths were minimized to reduce series inductances.
Supply bypassing is required for the amplifiers performance. The bypass capacitors provide a low impedance
return current path at the supply pins. They also provide high frequency filtering on the power supply traces.
10
μF tantalum and .01μF capacitors are recommended on both supplies (from supply to ground). In addition, a
0.1
μF ceramic capacitor can be added from V+ to V− to aid in second harmonic suppression.
Figure 36. Driving Capacitive Loads with ROUT for Improved Stability
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the use of a series output resistor ROUT. Figure 36 shows
the use of a series output resistor, ROUT as it might be applied when driving an analog to digital converter. The
charts "Suggested RO vs. Cap Load" in the Typical Performance Section give a recommended value for
mitigating capacitive loads. The values suggested in the charts are selected for .5dB or less of peaking in the
frequency response. This gives a good compromise between settling time and bandwidth. For applications where
maximum frequency response is needed and some peaking is tolerable, the value of RO can be reduced slightly
from the recommended values. There will be amplitude lost in the series resistor unless the gain is adjusted to
compensate; this effect is most noticeable with heavy resistive loads.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com