Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6609MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Q, K ARE UNITLESS.
ZO IS RELATED TO BANDWIDTH AND IS IN UNITS OF
RADIANS/SEC. DIVIDE ZO BY 2S TO GET IT IN Hz.
REFER TO OA-26 FOR MORE INFORMATION.
+
m
Q =
mRC
1
K
+
= 1
F
R
G
R
1
2
m
)
2
(
K
-
o =
Z
VIN
m
2
R
R
C
C
+
-
VO
RF
RG
LMH6609
www.ti.com
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
LMH6609 900MHz Voltage Feedback Op Amp
Check for Samples: LMH6609
1
FEATURES
DESCRIPTION
23
•
900MHz
−3dB bandwidth (AV = 1)
The LMH6609 is an ultra wideband, unity gain stable,
•
Large signal bandwidth and slew rate 100%
low power, voltage feedback op amp that offers
tested
900MHz bandwidth at a gain of 1, 1400V/
μs slew rate
•
280MHz
−3dB bandwidth (AV = +2, VOUT = 2VPP)
and 90mA of linear output current.
•
90mA linear output current
The LMH6609 is designed with voltage feedback
•
1400V/
μs slew rate
architecture for maximum flexibility especially for
active filters and integrators. The LMH6609 has
•
Unity gain stable
balanced, symmetrical inputs with well-matched bias
•
<1mV input Offset voltage
currents and minimal offset voltage.
•
7mA Supply current (no load)
With Differential Gain of 0.01% and Differential Phase
•
6.6V to 12V supply voltage range
of
0.026°
the
LMH6609
is
suited
for
video
•
0.01%/0.026° differential gain/phase PAL
applications. The 90mA of linear output current
makes the LMH6609 suitable for multiple video loads
•
3.1nV
√Hz voltage noise
and cable driving applications as well.
•
Improved replacement for CLC440, CL420,
The supply voltage is specified at 6.6V and 10V. A
CL426
low supply current of 7mA (at 10V supply) makes the
LMH6609 useful in a wide variety of platforms,
APPLICATIONS
including portable or remote equipment that must run
•
Test equipment
from battery power.
•
IF/RF amplifier
The LMH6609 is available in the industry standard 8-
•
A/D Input driver
pin SOIC package and in the space-saving 5-pin
SOT-23 package. The LMH6609 is specified for
•
Active filter
operation over the -40°C to +85°C temperature
•
Integrator
range. The LMH6609 is manufactured in state-of-the-
•
DAC output buffer
art VIP10™ technology for high performance.
•
TI's Transimpedance amplifier
Typical Application
Figure 1. Sallen Key Low Pass Filter with Equal C Value
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP10 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6609MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6609MA/NOPB TI1-LMH6609MA/NOPB Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
More results

Similar Description - LMH6609MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com