Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6609MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMH6609
www.ti.com
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
±5V Electrical Characteristics (continued)
Unless specified, AV = +2, RF = 250Ω: VS = ±5V, RL = 100Ω; unless otherwise specified. Boldface limits apply over
temperature Range.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Distortion and Noise Response
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−63
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−57
dBc
Equivalent Input Noise
VN
Voltage Noise
>1MHz
3.1
nV/
√Hz
CN
Current Noise
>1MHz
1.6
pA/
√Hz
Static, DC Performance
±2.5
VIO
Input Offset Voltage
±0.8
mV
±3.5
Input Voltage Temperature Drift
4
μV/°C
±5
IBN
Input Bias Current
−2
µA
±8
Bias Current Temperature Drift
11
nA/°C
±1.5
IBI
Input Offset Current
0.1
µA
±3
67
PSRR
Power Supply Rejection Ratio
DC, 1V Step
73
dB
65
67
CMRR
Common Mode Rejection Ratio
DC, 2V Step
73
dB
65
7.8
ICC
Supply Current
RL = ∞
7.0
mA
8.5
Miscellaneous Performance
RIN
Input Resistance
1
M
Ω
CIN
Input Capacitance
1.2
pF
ROUT
Output Resistance
Closed Loop
0.3
Ω
±3.6
VO
RL = ∞
±3.9
V
±3.3
Output Voltage Range
±3.2
VOL
RL = 100Ω
±3.5
V
±3.0
±2.8
CMIR
Input Voltage Range
Common Mode, CMRR > 60dB
±3.0
V
±2.5
±60
IO
Linear Output Current
±90
mA
VOUT
±50
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com