Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6609MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH6609
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
±3.3V Electrical Characteristics
Unless specified, AV = +2, RF = 250Ω: VS = ±3.3V, RL = 100Ω; unless otherwise specified. Boldface limits apply over
temperature Range.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
−3dB Bandwidth
VOUT = 0.5VPP
180
MHz
LSBW
−3dB Bandwidth
VOUT = 3.0VPP
110
MHz
SSBWG1
−3dB Bandwidth AV = 1
VOUT = 0.25VPP
450
MHz
GFP
.1dB Bandwidth
VOUT = 1VPP
40
MHz
DG
Differential Gain
RL = 150Ω, 4.43MHz
.01
%
DP
Differential Phase
RL = 150Ω, 4.43MHz
.06
deg
Time Domain Response
TRL
1V Step
2.2
ns
SR
Slew Rate
2V Step (2)
800
V/µs
Distortion and Noise Response
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−63
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−43
dBc
Equivalent Input Noise
nV/
VN
Voltage Noise
>1MHz
3.7
pA/
√Hz
CN
Current Noise
>1MHz
1.1
pA/
√Hz
Static, DC Performance
±2.5
VIO
Input Offset Voltage
0.8
mV
±3.5
−1
±3
IBN
Input Bias Current
µA
±6
0
±1.5
IBI
Input Offset Current
µA
±3
PSRR
Power Supply Rejection Ratio
DC, .5V Step
67
73
dB
CMRR
Common Mode Rejection Ratio
DC, 1V Step
67
75
dB
RL = ∞
3.6
5
mA
ICC
Supply Current
6
Miscellaneous Performance
ROUT
Input Resistance
Close Loop
.05
Ω
VO
RL = ∞
±2.1
±2.3
V
Output Voltage Range
VOL
RL = 100Ω
±1.9
±2.0
V
CMIR
Input Voltage Range
Common Mode
±1.3
V
IO
Linear Output Current
VOUT
±30
±45
mA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Applications Section for information on temperature derating of this device.
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Slew rate is Average of Rising and Falling 40-60% slew rates.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com