Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1601TBR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 8Page - STMicroelectronics STMPE1601TBR Datasheet HTML 9Page - STMicroelectronics STMPE1601TBR Datasheet HTML 10Page - STMicroelectronics STMPE1601TBR Datasheet HTML 11Page - STMicroelectronics STMPE1601TBR Datasheet HTML 12Page - STMicroelectronics STMPE1601TBR Datasheet HTML 13Page - STMicroelectronics STMPE1601TBR Datasheet HTML 14Page - STMicroelectronics STMPE1601TBR Datasheet HTML 15Page - STMicroelectronics STMPE1601TBR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
I2C interface
STMPE1601
12/58
6
I2C interface
The features that are supported by the I2C interface are listed below:
●
I2C slave device
●
Operates at 1.8 V
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (up to 100kbps) and fast (up to 400 kbps) modes
●
7-bit and 10-bit device addressing modes
●
General Call
●
Start/Restart/Stop
●
Address up to 8 STMPE1601 devices via the I2C interface
The address is selected by the state of 3 pins. The state of the pins is read upon reset and
then the pins can be configured for normal operation. The pins have a pull-up or down to set
the address. The I2C interface module allows the connected host system to access the
registers in the STMPE1601.
6.1
Start condition
A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state.
A Start condition must precede any data/command transfer. The device continuously
monitors for a Start condition and does not respond to any transaction unless one is
encountered.
6.2
Stop condition
A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state.
A Stop condition terminates the communication between the slave device and bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to the registers.
Table 12.
I2C addresses
A2
A1
A0
Address
000
40h
001
41h
010
42h
011
43h
100
44h
101
45h
110
46h
111
47h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com