Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1601TBR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 14Page - STMicroelectronics STMPE1601TBR Datasheet HTML 15Page - STMicroelectronics STMPE1601TBR Datasheet HTML 16Page - STMicroelectronics STMPE1601TBR Datasheet HTML 17Page - STMicroelectronics STMPE1601TBR Datasheet HTML 18Page - STMicroelectronics STMPE1601TBR Datasheet HTML 19Page - STMicroelectronics STMPE1601TBR Datasheet HTML 20Page - STMicroelectronics STMPE1601TBR Datasheet HTML 21Page - STMicroelectronics STMPE1601TBR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
System controller
STMPE1601
18/58
SYS_CTRL_2
System control register 2
Address:
0x03
Type:
R/W
Buffer:
Reset:
0x00
Description:
System control register
7
6
5
4
3
210
RESERVED
VIO_OFF
AUTOSLEEP_EN
SLEEP_2
SLEEP_1
SLEEP_0
R
R
RW
RW
RW
RW
0
0
0
000
[7] RESERVED
[6] RESERVED
[5] RESERVED
[4] VIO_OFF:
Writing a ‘1’ to this bit is mandatory before shuting off the VIO supply while maintaining the
VCC supply.
This ensure that the level shifters for GPIOs 15-8 are properly powered down so as not to
induce high current and also not to affect the integrity of any external signals that are on the
bus where these GPIOs are connected.
[3] AUTOSLEEP_EN:
“1” to enable auto-sleep feature. “0” to disable auto-sleep.
[2:0] SLEEP:
000 for 4 mS delay
001 for 16 mS delay
010 for 32 mS delay
011: for 64 mS delay
100: for 128 mS delay
101: for 256 mS delay
110: for 512 mS delay
111: for 1024 mS delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com