Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1601TBR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 36Page - STMicroelectronics STMPE1601TBR Datasheet HTML 37Page - STMicroelectronics STMPE1601TBR Datasheet HTML 38Page - STMicroelectronics STMPE1601TBR Datasheet HTML 39Page - STMicroelectronics STMPE1601TBR Datasheet HTML 40Page - STMicroelectronics STMPE1601TBR Datasheet HTML 41Page - STMicroelectronics STMPE1601TBR Datasheet HTML 42Page - STMicroelectronics STMPE1601TBR Datasheet HTML 43Page - STMicroelectronics STMPE1601TBR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Keypad controller
STMPE1601
40/58
corresponding column input will become 'low' after making contact with the 'low' voltage on
its corresponding row output.
Once the keyscan controller senses a 'low' input on any of the column inputs, the scanning
cycles will then start to determine the exact key that has been pressed. The twelve row
outputs will be driven 'low' one by one during each scanning cycle. While one row is driven
'low', all other rows are in tri-state and pulled up. If there is any column input sensed as 'low'
when a row is driven 'low', the key scan controller will then decode the key coordinates (its
corresponding row number and column number), save the key data into a de-bounce buffer
if available, confirm if it is a valid key press after de-bouncing, and update the key data into
output data FIFO if valid.
12.1
Keypad configurations
The keypad controller supports the following types of keys:
●
Up to 8 input * 8 output matrix keys
●
Up to 8 special function keys
●
Up to 4 dedicated keys
Figure 9.
Maximum configuration
STMPE1601
Matrix Keypad
(8*8)
Input 0-7
Special Function Keys
8*8 (64) Matrix Keys
8 Special Function Keys
0 Dedicated Keys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com