Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1601TBR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 10Page - STMicroelectronics STMPE1601TBR Datasheet HTML 11Page - STMicroelectronics STMPE1601TBR Datasheet HTML 12Page - STMicroelectronics STMPE1601TBR Datasheet HTML 13Page - STMicroelectronics STMPE1601TBR Datasheet HTML 14Page - STMicroelectronics STMPE1601TBR Datasheet HTML 15Page - STMicroelectronics STMPE1601TBR Datasheet HTML 16Page - STMicroelectronics STMPE1601TBR Datasheet HTML 17Page - STMicroelectronics STMPE1601TBR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
I2C interface
STMPE1601
14/58
6.7
Operating modes
Figure 3.
I2C transaction
Table 13.
Operating modes
Mode
Bytes
Programming sequence
Read
≥1
START, Device address, R/W = 0, Register address to be read
reSTART, Device address, R/W = 1, Data Read, STOP
If no STOP is issued, the Data Read can be continuously performed. If
the register address falls within the range that allows address auto-
increment, then register address auto-increments internally after every
byte of data being read. For register address that falls within a non-
incremental address range, the address will be kept static throughout
the entire read operations. Refer to the Memory Map table for the
address ranges that are auto and non-increment. An example of such
a non-increment address is FIFO.
Write
≥1
START, Device address, R/W = 0, Register address to be written, Data
Write, STOP.
If no STOP is issued, the Data Write can be continuously performed. If
the register address falls within the range that allows address auto-
increment, then register address auto-increments internally after every
byte of data being written. For those register addresses that fall within
a non-incremental address range, the address will be kept static
throughout the all write operations. Refer to the memory map table for
the address ranges that are auto and non-increment. An example of a
non-increment address is Data Port for initializing the PWM
commands.
Device
Address
Reg
Address
Device
Address
Data
Read
One byte
Read
Device
Address
Reg
Address
Device
Address
Data
Read
More than one byte
Read
Data
Read + 1
Data
Read + 2
Device
Address
Reg
Address
Data
to be
written
One byte
Write
More than one byte
Read
Device
Address
Reg
Address
Data to
Write
Data to
Write + 2
Data to
Write + 1
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com