Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1601TBR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 47Page - STMicroelectronics STMPE1601TBR Datasheet HTML 48Page - STMicroelectronics STMPE1601TBR Datasheet HTML 49Page - STMicroelectronics STMPE1601TBR Datasheet HTML 50Page - STMicroelectronics STMPE1601TBR Datasheet HTML 51Page - STMicroelectronics STMPE1601TBR Datasheet HTML 52Page - STMicroelectronics STMPE1601TBR Datasheet HTML 53Page - STMicroelectronics STMPE1601TBR Datasheet HTML 54Page - STMicroelectronics STMPE1601TBR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
STMPE1601
Keypad combination key registers
51/58
14
Keypad combination key registers
The 3 KPC mask registers contains the key combination to be used to wake up the KPC and
send an interrupt to the host system.
KPC_COMB_KEY_0-2
Keypad combination 0-2
Address:
0x65, 0x66, 0x67
Type:
R/W
Buffer:
Reset:
0xF8
Description:
Keypad combination key mask registers.
76
5
4
3
2
1
0
ACTIVE
ACTIVE
R2
R1
R0
C2
C1
C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
11
1
1
1
0
0
0
[7:6] ACTIVE:
00: key defined by bits 5:0 to be used for combination key wakeup
But [7:0] must be “F8” for No key from this register to be used for combination key wakeup
[5:3] R[2:0]:
Row number of key 1 (valid range: 0 -7)
[2:0] C[2:0]:
Column number of key 1 (valid range : 0-7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com