Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 1 Page - STMicroelectronics

  STW4810 Datasheet HTML 1Page - STMicroelectronics STW4810 Datasheet HTML 2Page - STMicroelectronics STW4810 Datasheet HTML 3Page - STMicroelectronics STW4810 Datasheet HTML 4Page - STMicroelectronics STW4810 Datasheet HTML 5Page - STMicroelectronics STW4810 Datasheet HTML 6Page - STMicroelectronics STW4810 Datasheet HTML 7Page - STMicroelectronics STW4810 Datasheet HTML 8Page - STMicroelectronics STW4810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
September 2007
Rev 9
1/78
1
STw4810
Power management for multimedia processors
Features
■ 2 Step-down converters
– 1 to 1.5V with 15 steps at 600mA
– 1.8V at 600mA for general purpose usage
■ 3 Low-drop output regulators for different uses
– PLL analog supplies:
1.05V, 1.2V, 1.3V 1.8V - 10mA
– Processor analogue functions:
2.5V - 10mA
– Auxiliary device:
1.5V, 1.8V, 2.5V, 2.8V - 150 mA
■ USB OTG module
– Full and low speed USB OTG transceiver
– Charge-pump (5V, 100mA) for USB cable
■ Mass memory cards (SD/MMC/SDIO)
– 1 linear regulator: 1.8V, 2.85V, 3V - 150mA
– Level shifter
■ Miscellaneous
– 32 kHz control for multimedia processor
– Processor supply monitoring
– Processor reset control
– 2 Serial I2C interfaces
Application
■ ST NOMADIKTM STn88xx
■ Multimedia processor
■ Mobile phones, PDA, videophone
Description
STw4810 is a power management companion
chip for multimedia processors used in portable
applications. It supplies the multimedia processor
including its memories and peripherals. STw4810
supports the main mass memory standard cards.
SDIOTM is also supported and allows to connect
multimedia peripherals like cameras.
6x6x1.2mm
0.5mm pitch
TFBGA 84
4.6x4.6x1.0mm
0.4mm pitch
VFBGA 84
STw4810CHD
STw4810CRA
www.st.com


Similar Part No. - STW4810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
STW4810 STMICROELECTRONICS-STW4810 Datasheet
979Kb / 79P
Power management for multimedia processors
03-Sep-2007
STW4810BHD STMICROELECTRONICS-STW4810BHD Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
STW4810BHDLF STMICROELECTRONICS-STW4810BHDLF Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
STW4810BRA STMICROELECTRONICS-STW4810BRA Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
More results

Similar Description - STW4810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
Multimedia Applications Processors
logo
STMicroelectronics
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
Power management for multimedia processors
03-Sep-2007
STW4811M STMICROELECTRONICS-STW4811M Datasheet
1Mb / 86P
Power management for multimedia processors
25-Aug-2008
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
Multimedia Applications Processors
logo
National Semiconductor ...
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
STMicroelectronics
STW4811M STMICROELECTRONICS-STW4811M_10 Datasheet
1Mb / 85P
Power management for multimedia processors
04-Jun-2010
logo
Texas Instruments
LP8725 TI1-LP8725 Datasheet
1Mb / 46P
LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com