Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 33Page - STMicroelectronics STW4810 Datasheet HTML 34Page - STMicroelectronics STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics STW4810 Datasheet HTML 38Page - STMicroelectronics STW4810 Datasheet HTML 39Page - STMicroelectronics STW4810 Datasheet HTML 40Page - STMicroelectronics STW4810 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
STw4810
Functional description
37/78
4.3.6
VAUX
This LDO is dedicated either to the multimedia processor input/output signals or to the
auxiliary devices. Power supply values are 1.5 V,1.8 V, 2.5 V, 2.8 V with 150 mA full load and
0.5 mA in sleep mode. In case of 1.5 V on the output, this LDO can be supplied by using
VIO_VMEM DC/DC converter (1.8 V). One pad feed-back is used.
Main features:
Programmable output voltage, 4 levels
(VAUX_SEL[1:0] bits of Power control register -
Table 27)
Three power domains:
‘Normal mode’ when multimedia processor is in run mode, 150 mA full load
‘Low current mode’ when multimedia processor is in sleep mode, 0.5 mA current
capability.
Fast switching from low current to normal mode.
Note:
Definition of sleep mode is given in 4.2.3: Sleep mode section.
‘Power down mode’ or ‘standby mode’ when regulator is switched off, no power
consumption (PDN_VAUX bit of SD MMC control register -
Table 18)
Default setting defined by start-up configuration
4.3.7
Power supply monitoring
This block monitors the VCORE and VIO_VMEM output voltage. If VCORE or VIO_VMEM
drop below the threshold, the multimedia processor is reset.
This feature can be desactivated by setting EN_MONITORING bit of Power control register
(
Table 29) to “0”.
4.3.8
Power supply domains
Table 29 lists the register bits that control STw4810 supply domains for each supply.
Note:
More details on VMMC supply are given in Section 4.5
Table 29.
Power supply domains
Supply
name
Description
Supply domains
Normal
Sleep
Power down
VCORE
STEP-DOWN
15 values
VCORE_SEL[3:0]
VCORE_SLEEP
VCORE_FORCE_SLEEP
EN_VCORE
VIO_VMEM STEP-DOWN
1.8 V
VIO_MEM_SLEEP
VIO_VMEM_FORCE_SLEEP
VPLL
LDO
4 values
VPLL_SEL[1:0]
EN_VPLL
VANA
LDO
2.5 V
EN_VANA
VAUX
LDO
4 values
VAUX_SEL[1:0]
VAUX_SLEEP
VAUX_FORCE_SLEEP
PDN_VAUX
VMMC
LDO
3 values
SEL_VMMC[1:0]
PDN_VMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com