Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 50 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 46Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 47Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 48Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 49Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 50Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 51Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 52Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 53Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 168 page
background image
5.3.2 ADC Resolver
Table 5-8. ADC_R0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC_R0_AIN0
I
ADC Resolver Analog Input 0
T18
T18
ADC_R0_AIN1
I
ADC Resolver Analog Input 1
T16
T16
ADC_R0_AIN2
I
ADC Resolver Analog Input 2
U18
U18
ADC_R0_AIN3
I
ADC Resolver Analog Input 3
T17
T17
Table 5-9. ADC_R1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC_R1_AIN0
I
ADC Resolver Analog Input 0
R16
R16
ADC_R1_AIN1
I
ADC Resolver Analog Input 1
R18
R18
ADC_R1_AIN2
I
ADC Resolver Analog Input 2
P18
P18
ADC_R1_AIN3
I
ADC Resolver Analog Input 3
P17
P17
Table 5-10. Resolver PWM Output Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RES0_PWMOUT0
O
Resolver PWM Output Signal 0
D16, D17
D16, D17
D16, D17
RES0_PWMOUT1
O
Resolver PWM Output Signal 1
C17, D18
C17, D18
C17, D18
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
50
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com