Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 56Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 57Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 58Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 59Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 60Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 61Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 62Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 63Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 168 page
background image
Table 5-65. GPIO Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
GPIO35
IO
General Purpose Input/Output
N18
N18
N18
GPIO36
IO
General Purpose Input/Output
M18
M18
M18
GPIO37
IO
General Purpose Input/Output
P16
P16
P16
GPIO38 (3)
IO
General Purpose Input/Output
P17
GPIO39 (3)
IO
General Purpose Input/Output
P18
GPIO40 (3)
IO
General Purpose Input/Output
N17
GPIO41
IO
General Purpose Input/Output
N16
N16
N16
GPIO42
IO
General Purpose Input/Output
M17
M17
M17
GPIO43
IO
General Purpose Input/Output
B2
B2
B2
GPIO44
IO
General Purpose Input/Output
B1
B1
B1
GPIO45
IO
General Purpose Input/Output
D3
D3
D3
GPIO46
IO
General Purpose Input/Output
D2
D2
D2
GPIO47
IO
General Purpose Input/Output
C2
C2
C2
GPIO48
IO
General Purpose Input/Output
C1
C1
C1
GPIO49
IO
General Purpose Input/Output
E2
E2
E2
GPIO50
IO
General Purpose Input/Output
E3
E3
E3
GPIO51
IO
General Purpose Input/Output
D1
D1
D1
GPIO52
IO
General Purpose Input/Output
E4
E4
E4
GPIO53
IO
General Purpose Input/Output
F2
F2
F2
GPIO54
IO
General Purpose Input/Output
G2
G2
G2
GPIO55
IO
General Purpose Input/Output
E1
E1
E1
GPIO56
IO
General Purpose Input/Output
F3
F3
F3
GPIO57
IO
General Purpose Input/Output
F4
F4
F4
GPIO58
IO
General Purpose Input/Output
F1
F1
F1
GPIO59
IO
General Purpose Input/Output
G3
G3
G3
GPIO60
IO
General Purpose Input/Output
H2
H2
H2
GPIO61
IO
General Purpose Input/Output
G1
G1
G1
GPIO62
IO
General Purpose Input/Output
J2
J2
J2
GPIO63
IO
General Purpose Input/Output
G4
G4
G4
GPIO64
IO
General Purpose Input/Output
J3
J3
GPIO65
IO
General Purpose Input/Output
H1
H1
GPIO66
IO
General Purpose Input/Output
J1
J1
GPIO67
IO
General Purpose Input/Output
K2
K2
GPIO68
IO
General Purpose Input/Output
J4
J4
GPIO69
IO
General Purpose Input/Output
K4
K4
GPIO70
IO
General Purpose Input/Output
K3
K3
GPIO71 (3)
IO
General Purpose Input/Output
V17
GPIO72 (3)
IO
General Purpose Input/Output
T16
GPIO73 (3)
IO
General Purpose Input/Output
P15
GPIO74 (3)
IO
General Purpose Input/Output
R16
GPIO75
IO
General Purpose Input/Output
L3
L3
L3
GPIO76
IO
General Purpose Input/Output
M3
M3
M3
GPIO77
IO
General Purpose Input/Output
B6
B6
B6
GPIO78
IO
General Purpose Input/Output
A4
A4
A4
GPIO79
IO
General Purpose Input/Output
B5
B5
B5
GPIO80
IO
General Purpose Input/Output
B4
B4
B4
GPIO81
IO
General Purpose Input/Output
A3
A3
A3
GPIO82
IO
General Purpose Input/Output
A2
A2
A2
GPIO83
IO
General Purpose Input/Output
C6
C6
C6
GPIO84
IO
General Purpose Input/Output
A5
A5
A5
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
60
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com