Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 70 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 66Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 67Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 68Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 69Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 70Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 71Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 72Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 73Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 168 page
background image
Table 5-109. Reserved Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RSVD_T4
RSVD
Reserved (RSVD_T4). This pin must be connected to
ground (VSS).
T4
T4
T4
RSVD_U1
RSVD
Reserved (RSVD_U1). This pin must be connected to
ground (VSS).
U1
U1
U1
RSVD_U3
RSVD
Reserved (RSVD_U3). This pin must be left
unconnected.
U3
U3
U3
RSVD_V2
RSVD
Reserved (RSVD_V2). This pin must be left
unconnected.
V2
V2
V2
Table 5-110. No Connection Description
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
NC (1)
NC
No Connection
H1, J1, J4, K2,
K3, K4, L2, M1,
M4, P1, P3
(1)
NC pins are No Connect pins, as these pins are connected internally to OSPI flash die in ZCZ_F Package. Refer to OSPI Connections
for Flash-in-Package (ZCZ_F) Section for more details.
5.3.22 UART
Table 5-111. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A5, B7
A5, B7
A5, B7
UART0_RTSn
O
UART Request to Send (active low)
C6, C7
C6, C7
C6, C7
UART0_RXD
I
UART Receive Data
A7, B6
A7, B6
A7, B6
UART0_TXD
O
UART Transmit Data
A4, A6
A4, A6
A4, A6
Table 5-112. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
G4
G4
G4
UART1_DCDn
I
UART Data Carrier Detect (Active Low)
J4, N1
J4, N1
N1
UART1_DSRn
I
UART Data Set Ready (Active Low)
V17
UART1_DTRn
O
UART Data Terminal Ready (Active Low)
K1, K3
K1, K3
K1
UART1_RIn
I
UART Ring Indicator
K4, N4
K4, N4
N4
UART1_RTSn
O
UART Request to Send (active low)
B12, J2
B12, J2
B12, J2
UART1_RXD
I
UART Receive Data
A9, L3
A9, L3
A9, L3
UART1_TXD
O
UART Transmit Data
B9, M3
B9, M3
B9, M3
Table 5-113. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
H1
H1
UART2_RTSn
O
UART Request to Send (active low)
A12, J3, R3
A12, J3, R3
A12, R3
UART2_RXD
I
UART Receive Data
B5, B8
B5, B8
B5, B8
UART2_TXD
O
UART Transmit Data
A3, A8
A3, A8
A3, A8
Table 5-114. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
K2, N2
K2, N2
N2
UART3_RTSn
O
UART Request to Send (active low)
A2, J1
A2, J1
A2
UART3_RXD
I
UART Receive Data
C11, D15
C11, D15
C11, D15
UART3_TXD
O
UART Transmit Data
A11, C15
A11, C15
A11, C15
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
70
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com