Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 55 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 51Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 52Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 53Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 54Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 55Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 56Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 57Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 58Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 168 page
background image
Table 5-34. EPWM12 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM12_A
O
EPWM Output A
K2, N2
K2, N2
N2
EPWM12_B
O
EPWM Output B
J1, J4, N1
J1, J4, N1
N1
Table 5-35. EPWM13 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM13_A
O
EPWM Output A
K4, N4
K4, N4
N4
EPWM13_B
O
EPWM Output B
K1, K3
K1, K3
K1
Table 5-36. EPWM14 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM14_A
O
EPWM Output A
R17, V17
R17
R17
EPWM14_B
O
EPWM Output B
N18, T16
N18
N18
Table 5-37. EPWM15 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM15_A
O
EPWM Output A
P15, P16
P16
P16
EPWM15_B
O
EPWM Output B
M18, P16, R16
M18, P16
M18, P16
Table 5-38. EPWM16 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM16_A
O
EPWM Output A
B18, L3
B18, L3
B18, L3
EPWM16_B
O
EPWM Output B
B17, M3
B17, M3
B17, M3
Table 5-39. EPWM17 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM17_A
O
EPWM Output A
B6
B6
B6
EPWM17_B
O
EPWM Output B
A4
A4
A4
Table 5-40. EPWM18 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM18_A
O
EPWM Output A
B5
B5
B5
EPWM18_B
O
EPWM Output B
B4
B4
B4
Table 5-41. EPWM19 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM19_A
O
EPWM Output A
A3
A3
A3
EPWM19_B
O
EPWM Output B
A2
A2
A2
Table 5-42. EPWM20 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM20_A
O
EPWM Output A
C6
C6
C6
EPWM20_B
O
EPWM Output B
A5
A5
A5
Table 5-43. EPWM21 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM21_A
O
EPWM Output A
L17
L17
L17
EPWM21_B
O
EPWM Output B
L18
L18
L18
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com