Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 61 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 57Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 58Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 59Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 60Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 61Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 62Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 63Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 64Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
Table 5-65. GPIO Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
GPIO85
IO
General Purpose Input/Output
L17
L17
L17
GPIO86
IO
General Purpose Input/Output
L18
L18
L18
GPIO87
IO
General Purpose Input/Output
G17
G17
G17
GPIO88
IO
General Purpose Input/Output
F17
F17
F17
GPIO89
IO
General Purpose Input/Output
G18
G18
G18
GPIO90
IO
General Purpose Input/Output
G15
G15
G15
GPIO91
IO
General Purpose Input/Output
K15
K15
K15
GPIO92
IO
General Purpose Input/Output
K16
K16
K16
GPIO93
IO
General Purpose Input/Output
K17
K17
K17
GPIO94
IO
General Purpose Input/Output
K18
K18
K18
GPIO95
IO
General Purpose Input/Output
J18
J18
J18
GPIO96
IO
General Purpose Input/Output
J17
J17
J17
GPIO97
IO
General Purpose Input/Output
H18
H18
H18
GPIO98
IO
General Purpose Input/Output
L16
L16
L16
GPIO99
IO
General Purpose Input/Output
M16
M16
M16
(1)
GPIO134 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
GPIO135 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(3)
This pin is is only supported in the ZCZ_C package option
5.3.12 I2C
Table 5-66. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
I2C0_SCL (2)
IOD
I2C Clock
A13
A13
A13
I2C0_SDA (1)
IOD
I2C Data
B13
B13
B13
(1)
I2C0_SDA is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
I2C0_SCL is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
Table 5-67. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
I2C1_SCL (1)
IO
I2C Clock
B5, D7
B5, D7
B5, D7
I2C1_SDA (2)
IO
I2C Data
A3, C8
A3, C8
A3, C8
(1)
I2C1_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
(2)
I2C1_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
Table 5-68. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
I2C2_SCL (1)
IO
I2C Clock
C6, C7
C6, C7
C6, C7
I2C2_SDA (2)
IO
I2C Data
A5, B7
A5, B7
A5, B7
(1)
I2C2_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
(2)
I2C2_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
Table 5-69. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
I2C3_SCL (2)
IO
I2C Clock
B15, H2
B15, H2
B15, H2
I2C3_SDA (1)
IO
I2C Data
A16, G3
A16, G3
A16, G3
(1)
I2C3_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com