Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7750IPWPR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 18Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 19Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 20Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
0.00
Supply (V)
Specified Supply
Voltage Range
No Power-On Reset
Supply Max.
Supply Min.
Power-On Reset
POR Threshold
Undefined
Undefined Operation Threshold
Figure 8-3. Relevant Voltage Levels for POR Circuit
For the DVDD supply, no internal POR occurs for nominal supply operation from 2.7 V (supply min) to 5.5 V
(supply max). For the DVDD supply region between 2.4 V (undefined operation threshold) and 0.8 V (POR
threshold), the internal POR circuit may or may not provide a reset over all temperature conditions. For the
DVDD supply below 0.8 V (POR threshold), the internal POR resets if the supply voltage remains less than 0.8 V
for approximately 1 ms.
For the AVDD supply, no internal POR occurs for nominal supply operation from 10 V (supply min) to 36 V
(supply max). For AVDD supply voltages between 8 V (undefined operation threshold) and 1 V (POR threshold),
the internal POR circuit may or may not provide a reset over all temperature conditions. For the AVDD supply
below 1 V (POR threshold), the internal POR resets if the supply voltage remains less than 1 V for approximately
1 ms. In case the DVDD or AVDD supply drops to a level where the internal POR signal is indeterminate, either
power cycle the device, or toggle the LATCH pin and then perform a software reset. Both options initialize the
internal circuitry to a known state and provide proper operation.
8.3.7 Alarm Detection
These devices also provide an alarm detection feature. When one or more of following events occur, the ALARM
pin goes low:
• The current output load is in open circuit,
• The voltage at IOUT reaches a level where accuracy of the output current is compromised. This condition
is detected by monitoring internal voltage levels of the IOUT circuitry and is typically below the specified
compliance voltage headroom (defined as the voltage drop between the AVDD and IOUT pins) minimum of 2
V,
• The die temperature exceeds 142°C,
• The SPI watchdog timer exceeds the timeout period (if enabled), or
• The SPI frame error CRC check encounters an error (if enabled).
When the ALARM pins of multiple DACx750 devices are connected together to form a wired-AND function, the
host processor must read the status register of each device to know all the fault conditions that are present. Note
that the thermal alarm has hysteresis of approximately 18°C. After being set, the alarm only resets when the die
temperature drops below 124°C.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com