Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7750IPWPR.A Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
8.4.4 Filtering The Current Output
The DACx750 provides access to internal nodes of the circuit; see Figure 9-2. Place capacitors on these pins
and AVDD to form a filter on the output current, reducing bandwidth and the slew rate of the output, especially
useful for driving inductive loads. However, to achieve large reductions in slew rate, use the programmable slew
rate to avoid having to use large capacitors. Even in that case, use the capacitors on CAP1 and CAP2 to smooth
out the stairsteps caused by the digital code changes as shown in Figure 8-6. However, note that power supply
ripple also couples into the devices through these capacitors.
1
4
7
10
13
16
19
22
25
Time (200 µs/div)
no cap
3 nF CAP1
3 nF CAP2
10 nF CAP1
10 nF CAP2
C001
T
A = 25ºC
AVDD = 24 V
R
LOAD = 250 Ÿ
Figure 8-6. IOUT vs Time for Different Cap Values on CAP1 and CAP2
8.4.5 Output Current Monitoring
Many applications, especially for functional safety, require monitoring to make sure that the output current
stays close to the programmed value. To monitor the output current, place a sense resistor in series with the
output and measure the voltage across the resistor. However, this resistor reduces the compliance voltage
available for the load. The DACx750 provide access to an internal precision resistor (R3 in Figure 8-2) through
the R3-SENSE and BOOST pins to perform analog readback for monitoring the output current. Measure the
voltage between the R3-SENSE and BOOST pins and divide by the value of the R3 resistor to determine the
magnitude of the output current. The R3 resistor has a typical value of 40 Ω (see Figure 7-38 for a plot of
resistance vs temperature) with a temperature drift coefficient of 40 ppm/°C (see Figure 7-39 for a histogram of
R3 resistance temperature drift). The R3 resistor is tested to stay within the minimum (36 Ω) and maximum (44
Ω) resistance values shown in the R3 Resistor portion of Section 7.5. To remove the tolerance error, perform a
simple calibration by programming a certain value of output current, measuring the voltage across R3-SENSE
and BOOST, and calculating the exact value of R3.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com