Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7750IPWPR.A Datasheet(PDF) 27 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
8.4 Device Functional Modes
8.4.1 Setting Current-Output Ranges
The current output range is set according to Table 8-5.
Table 8-5. RANGE Bits vs Output Range
RANGE
OUTPUT RANGE
101
4 mA to 20 mA
110
0 mA to 20 mA
111
0 mA to 24 mA
Note that changing the RANGE bits at any time causes the DAC data register to be cleared.
8.4.2 Current-Setting Resistor
Resistor RSET (used to convert the DAC voltage to current) illustrated in Figure 8-2 determines the stability of the
output current over temperature. If desired, an external, low-drift, precision 15-kΩ resistor can be connected to
the ISET-R pin and used instead of the internal RSET resistor.
8.4.3 BOOST Configuration for IOUT
Figure 8-5 illustrates an external NPN transistor used to reduce power dissipation on the die. Most of the load
current flows through the NPN transistor with a small amount flowing through the on-chip PMOS transistor based
on the gain of the NPN transistor. This configuration reduces the temperature induced drift on the die and
internal reference and is an option for use cases at the extreme end of the supply, load current, and ambient
temperature ranges.
The inclusion of the bipolar junction transistor (BJT) adds an additional open loop gain to internal amplifier A2
(see Figure 8-2) and thus, can cause possible instability. Adding series emitter resistor R2 decreases the gain
of the stage created by the BJT and internal R3 resistor (see Figure 8-2) especially for cases where RLOAD is
a short or a very small load, such as a multimeter. Recommended values for R1, R2, and C1 in this circuit are
1 kΩ, 30 Ω and 22 nF, respectively. An equivalent solution is to place R2 (with a recommended value of 3 kΩ
instead of 30 Ω) in series with the base of the transistor instead of the configuration provided in Figure 8-5. Note
that there is some gain error introduced by this configuration; see Figure 7-14, Figure 7-15 and Figure 7-16. Use
the internal transistor in most cases because the values in Section 7.5 are based on the configuration with the
internal on-chip PMOS transistor.
R1
R2
RLOAD
C1
DACx750
BOOST
IOUT
GND
Copyright © 2016, Texas Instruments Incorporated
Figure 8-5. Boost Mode Configuration
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com