Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7750IPWPR.A Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
8.5 Programming
Table 8-11 describes the available commands and registers on the DACx750 devices. No operation, read
operation, and watchdog timer refer to commands and are not explicit registers. For more information on these
commands, see Section 8.5.1.3 and Section 8.3.8.
8.5.1 Serial Peripheral Interface (SPI)
The device is controlled over a versatile four-wire serial interface (SDI, SDO, SCLK, and LATCH) that operates
at clock rates of up to 30 MHz and is compatible with SPI, QSPI, Microwire, and digital signal processing (DSP)
standards. The SPI communication command consists of a write address byte and a data word for a total of 24
bits. The timing for the digital interface is illustrated in Figure 7-1 and Figure 7-2.
8.5.1.1 SPI Shift Register
The default frame is 24 bits wide (see Section 8.3.9 for 32-bit frame mode) and begins with the rising edge of
SCLK that clocks in the MSB. The subsequent bits are latched on successive rising edges of SCLK. The default
24-bit input frame consists of an 8-bit address byte followed by a 16-bit data word as shown in Table 8-7.
Table 8-7. Default SPI Frame
BIT 23:BIT 16
BIT 15:BIT 0
Address byte
Data word
The host processor must issue 24 bits before it issues a rising edge on the LATCH pin. Input data bits are
clocked in regardless of the LATCH pin and are unconditionally latched on the rising edge of LATCH. By default,
the SPI shift register resets to 0x000000 at power on or after a reset.
8.5.1.2 Write Operation
A write operation is accomplished when the address byte is set according to Table 8-8. For more information on
the DACx750 registers, see Section 8.6.
Table 8-8. Write Address Functions
ADDRESS
BYTE
(HEX)
FUNCTION
00
No operation (NOP)
01
Write DAC Data register
02
Register read
55
Write control register
56
Write reset register
57
Write configuration register
58
Write DAC gain calibration register
59
Write DAC zero calibration register
95
Watchdog timer reset
96
CRC error reset
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com