Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7750IPWPR.A Datasheet(PDF) 33 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 34Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 35Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 36Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
8.6.1.2 Configuration Register
The DACx750 configuration register is written to at address 0x57. Table 8-13 summarizes the description for the
configuration register bits.
Table 8-13. Configuration Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB6
Reserved
00 0000 0000
Reserved. Do not write any value other than zero to these bits.
DB5
CALEN
0
User calibration enable. When user calibration is enabled, the DAC data are
adjusted according to the contents of the gain and zero calibration registers. See
the Section 8.3.10 section.
DB4
HARTEN
0
Enable interface through HART-IN pin (only valid for IOUT set to 4-mA to 20-mA
range through RANGE bits).
Bit = 1: HART signal is connected through internal resistor and modulates output
current.
Bit = 0: HART interface is disabled.
DB3
CRCEN
0
Enable frame error checking.
DB2
WDEN
0
Watchdog timer enable.
DB1:DB0
WDPD[1:0]
00
Watchdog timeout period.
8.6.1.3 DAC Registers
The DAC registers consist of a DAC data register (Table 8-14), a DAC gain calibration register (Table 8-15),
and a DAC zero calibration register (Table 8-16). User calibration as described in Section 8.3.10 is a feature
that allows for trimming the system gain and zero errors. Table 8-14 through Table 8-16 show the DAC8750,
16-bit version of these registers. The DAC7750 (12-bit version) register contents are located in DB15:DB4. For
DAC7750, DB3:DB0 are don't care bits when writing and zeros when reading.
Table 8-14. DAC Data Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
D15:D0
0x0000
DAC data register. Format is unsigned straight binary.
Table 8-15. DAC Gain Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
G15:G0
0x0000
Gain calibration register for user calibration. Format is unsigned straight binary.
Table 8-16. DAC Zero Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
Z15:Z0
0x0000
Zero calibration register for user calibration. Format is twos complement.
8.6.1.4 Reset Register
The DACx750 reset register is written to at address 0x56. Table 8-17 provides the description.
Table 8-17. Reset Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB1
Reserved
000 0000 0000 0000
Reserved. Writing to these bits does not cause any change.
DB0
RESET
0
Software reset bit. Writing 1 to the bit performs a software reset that resets all
registers and the ALARM status to the respective power-on reset default value.
After reset completes, the RESET bit clears itself.
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com